PART |
Description |
Maker |
ST72325K4 ST72F325K6T6 ST72F325K6B5 ST72325 ST72F3 |
8-Bit MCU With 16 To 60K Flash/Rom, Adc, Css, Five Timers, Spi, Sci, I2C Interface
|
STMICROELECTRONICS[STMicroelectronics] ST Microelectronics, Inc.
|
C486FD18 C486FD17 C486FD19 C484CD56 C482FD58 C486F |
8 bit SIPO shift register Bluetooth Class 1 Module 8-bit MCU with single voltage Flash memory, data EEPROM, ADC, 5 timers, SPI Hex bus buffer with 3 state outputs (non inverting) Low-density performance line, ARM-based 32-bit MCU with 16 or 32 KB Flash, USB, CAN, 6 timers, 2 ADCs, 6 communication interfaces LNB SUPPLY AND CONTROL IC WITH STEP-UP CONVERTER AND I2C INTERFACE 电信提供数据通信 Medium-density performance line ARM-based 32-bit MCU with 64 or 128 KB Flash, USB, CAN, 7 timers, 2 ADCs, 9 communication interfaces 电信提供数据通信 8-bit MCU with 16 to 60K Flash/ROM, ADC, CSS, 5 timers, SPI, SCI, I2C interface 电信提供数据通信 8-bit MCU with single voltage Flash, data EEPROM, ADC, timers, SPI, LINSCI 电信提供数据通信 60W HI-FI DUAL AUDIO DRIVER 电信提供数据通信 ARM7TDMI" 32-bit MCU with Flash, 3x CAN, 4 UARTs, 20 timers, ADC, 12 comm. interfaces 电信提供数据通信 Medium-density access line, ARM-based 32-bit MCU with 64 or 128 KB Flash, 6 timers, ADC and 7 communication interfaces 电信提供数据通信 MONOCHIP TELETEXT AND VPS DECODERWITH 8 INTEGRATED PAGES 电信提供数据通信 STHS4257A, STHS4257A1, STHS4257L, STHS4257L1 电信提供数据通信 Low voltage 16-bit constant current LED sink driver with auto power saving 电信提供数据通信 ARM7TDMI-S™ 32-Bit MCU with Flash, SMI, 3 std 16-bit timers, PWM timer, fast 10-bit ADC, I2C, UART, SSP, USB and CAN 电信提供数据通信 Quad bus buffer (3-state) 8-bit MCU, 3.8 to 5.5V operating range with 8 to 32 Kbyte Flash/ROM, 10-bit ADC, 4 timers, SPI, SCI 8 bit PISO shift register 8-bit microcontroller with 8K Flash/ROM, ADC, 4 timers, SPI, SCI interface 8 channel multiplexer
|
ZETTLER electronics GmbH TE Connectivity, Ltd. SIEMENS AG Yageo, Corp. Glenair, Inc. Silicon Laboratories, Inc. ITT, Corp. Vicor, Corp. C-Media Electronics, Inc. STMicroelectronics N.V. DB Lectro, Inc. Vectron International, Inc. Sumida, Corp.
|
ATTINY25-15ST1 ATTINY25-15MT ATTINY25-15MZ ATTINY2 |
8-bit Microcontroller with 2/4/8K Bytes In-System Programmable Flash MCU AVR 4K FLASH 15MHZ 20-QFN 8-BIT, FLASH, 16 MHz, RISC MICROCONTROLLER, QCC20 MCU AVR 8K FLASH 15MHZC 20-QFN 8-BIT, FLASH, 16 MHz, RISC MICROCONTROLLER, QCC20 MCU AVR 8K FLASH 15MHZ 8-SOIC
|
ATMEL Corporation Atmel, Corp.
|
ST72734 ST72734J6B1 ST72754 ST72754J7B1 ST72754J9B |
8-BIT USB MCU FOR MONITORS, WITH UP TO 60K OTP, 1K RAM, ADC, TIMER, SYNC, TMU, PWM/BRM, H/W DDC & I2C
|
STMICROELECTRONICS[STMicroelectronics] ST Microelectronics
|
ADUC812 ADUC812BS ADUC81203 EVAL-ADUC812QS EVAL-AD |
8-BIT, FLASH, 11.0592 MHz, MICROCONTROLLER, PQCC56 MicroConverter?, Multichannel 12-Bit ADC with Embedded Flash MCU MicroConverter庐, Multichannel 12-Bit ADC with Embedded Flash MCU
|
ANALOG DEVICES INC
|
PIC16F74 PIC16F74I_L PIC16F74I_P PIC16F74I_PT PIC1 |
28/40-Pin 8-Bit CMOS FLASH Microcontrollers IC-SMD-8-BIT MCU
IC-8-BIT MCU
|
Microchip Technology
|
C8051F521-IM C8051F531-IT C8051F531-IM C8051F533-I |
8/4/2 kB ISP Flash MCU Family 8-BIT, FLASH, 25 MHz, MICROCONTROLLER, PDSO10 8/4/2 kB ISP Flash MCU Family 8-BIT, FLASH, 25 MHz, MICROCONTROLLER, PDSO20 8/4/2 kB ISP Flash MCU Family 8-BIT, FLASH, 25 MHz, MICROCONTROLLER, QCC20
|
Silicon Laboratories, Inc.
|
STM8S103K3T6C STM8S103F3M3 STM8S103F2 STM8S103K3T3 |
Mainstream Access line 8-bit MCU with 4 Kbytes Flash, 16 MHz CPU, integrated EEPROM Mainstream Access line 8-bit MCU with 8 Kbytes Flash, 16 MHz CPU, integrated EEPROM Access line, 16 MHz STM8S 8-bit MCU, up to 8 Kbytes Flash, data EEPROM,10-bit ADC, 3 timers, UART, SPI, I2C
|
ST Microelectronics STMicroelectronics
|
WT6148 |
MCU with ROM 60k, RAM 1k, 14 PWM, GPIO max. 28
|
Weltrend
|
|